Part Number Hot Search : 
C4068ED IDTQS32 BPR38CF 01R05 M74AL A1D2B W1T1G 00080
Product Description
Full Text Search
 

To Download LDM2G221MERA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v d 2 l 1 m 3 2 4 d 5 4 6 7 7 1 8 m 9 e 10 r 11 z 12 g 13 a 14 case dia. code configuration capacitance tolerance ( 20%) rated capacitance (470 f) rated voltage (200v) series name type d 20 22 code y z 25 a lead wire configuration ga: left side from the front ha: right side from the front () 2.0 pressure relief vent l 2 1 0.6 3.5 1 8.0 2 d +1max. p 20 : p = 7.5 22, 25 : p = 8.5 sleeve ( p.e.t. ) aluminum electrolytic capacitors dm series horizontal mounting type for 20, 22 and 25, but suited for horizontal mounting toassure flat and low-profile design. adapted to the rohs directive (2002/95/ec). drawing type numbering system (example : 200v 470 f) dm dq specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ + 85 c (200v), 25 ~ + 85 c (400v) 200 400v 82 ~ 1200f 20% at 120hz, 20 c i (a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] printed with white color letter on black sleeve. measurement frequency : 120hz, temperature : 20 c capacitance change leakage current after an application of dc voltage (in the range of rated dc voltage even after over-lapping the specified ripple current) for 2000 hours at 85 c, capacitors meet the characteristic requirements listed at right. after storing the capacitors under no load at 85 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the characteristic requirements at right. tan within 20% of initial value initial specified value or less 200% or less of initial specified value rated voltage (v) tan (max.) 400 0.15 200 0.15 measurement frequency : 120hz z 25 c/ z+20 c z 40 c/ z+20 c rated voltage (v) impedance ratio zt/z20(max.) 200 3 12 400 8 capacitance change leakage current tan within 15% of initial value initial specified value or less 150% or less of initial specified value dimensions rated ripple (arms) at 85 c 120hz other ratings also available on request. frequency coefficient of rated ripple current frequency (hz) 200v 400v coeff. 50 60 120 300 1k 10k 50k~ 0.81 0.85 1.00 1.17 1.32 1.45 1.50 0.77 0.82 1.00 1.16 1.30 1.41 1.43 00 82 0 100 0 120 0 150 0 180 0 220 0 270 0 330 0 390 0 470 0 560 0 680 0 820 1000 1200 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 20 30 20 30 20 35 20 40 20 45 20 50 1.32 1.49 1.66 1.93 2.00 2.30 22 35 22 40 22 45 22 50 22 60 1.88 1.96 2.43 2.80 3.00 25 35 25 40 25 45 25 60 2.68 2.80 3.12 3.44 20 30 20 30 20 35 20 40 20 50 0.78 0.90 1.02 1.17 1.30 22 35 22 40 22 45 22 60 1.20 1.38 1.55 1.70 25 35 25 40 25 45 25 50 25 60 1.25 1.56 1.70 1.90 2.15 400v ( 2g ) 20 22 25 20 22 25 200v ( 2d ) rated ripple case size d d l (mm) l (mm) v(code) d code cap.(f) high temperature 3 cv minimum order quantity : 50pcs.


▲Up To Search▲   

 
Price & Availability of LDM2G221MERA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X